Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEE8-06CC Datasheet (PDF) - IXYS Corporation

DSEE8-06CC Datasheet PDF - IXYS Corporation
Part # DSEE8-06CC
Download  DSEE8-06CC Download
File Size   65.04 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Electrically Isolated Back Surface

DSEE8-06CC Datasheet (PDF)

Go To PDF Page Download Datasheet
DSEE8-06CC Datasheet PDF - IXYS Corporation

Part # DSEE8-06CC
Download  DSEE8-06CC Click to download

File Size   65.04 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Electrically Isolated Back Surface

DSEE8-06CC Datasheet (HTML) - IXYS Corporation


DSEE8-06CC Product details

IFAV = 10 A
VRRM = 600 V
trr = 30 ns

Features
● Silicon chip on Direct-Copper-Bond substrate
   - High power dissipation
   - Isolated mounting surface
   - 2500V electrical isolation
● Low cathode to tab capacitance (<15pF)
● Planar passivated chips
● Very short recovery time
● Extremely low switching losses
● Low IRM-values
● Soft recovery behaviour
● Epoxy meets UL 94V-0

Applications
● Antiparallel diode for high frequency switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode in converters and motor control circuits
● Rectifiers in switch mode power supplies (SMPS)
● Inductive heating
● Uninterruptible power supplies (UPS)
● Ultrasonic cleaners and welders




Similar Part No. - DSEE8-06CC

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSEE050 DSE-DSEE050 Datasheet
217Kb / 2P
eView® Engine Display - Configurable Engine Monitoring
DSEE100 DSE-DSEE100 Datasheet
297Kb / 2P
ENGINE CONTROLLER
logo
Thinki Semiconductor Co...
DSEE15-04CC THINKISEMI-DSEE15-04CC Datasheet
277Kb / 2P
15.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
DSEE15-08CC THINKISEMI-DSEE15-08CC Datasheet
277Kb / 2P
15.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
logo
IXYS Corporation
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
More results


Similar Description - DSEE8-06CC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
Lightspeed 2TM Series (Electrically Isolated Back Surface)
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
Electrically Isolated Back Surface Single MOSFET Die
logo
IXYS Corporation
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com