Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6229 Datasheet (PDF) - Torex Semiconductor

XC6229 Datasheet PDF - Torex Semiconductor
Part # XC6229
Download  XC6229 Download
File Size   936.02 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection

XC6229 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6229 Datasheet PDF - Torex Semiconductor

Part # XC6229
Download  XC6229 Click to download

File Size   936.02 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection

XC6229 Datasheet (HTML) - Torex Semiconductor


XC6229 Product details

■ GENERAL DESCRIPTION
The XC6229 series is a high speed LDO regulator that features high accurate, low noise, high ripple rejection, low dropout and low power consumption. Housed in the ultra-small LGA-4B01 (0.75 x 0.75, h=0.3mm MAX.) package, the XC6229 is ideal for space-saving design. The XC6229 consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a phase compensation circuit, a thermal shutdown circuit and an inrush current protection circuit.

■ FEATURES
    Maximum Output Current : 300mA
    Input Voltage Range : 1.6~5.5V
    Output Voltages : 2.0~4.0V (Accuracy ±1%)
                                 1.2~1.95V (Accuracy ±20mV)
                                 0.05V increments
    Dropout Voltage : 80mV@IOUT=150mA (VOUT=3.0V)
    Low Power Consumption : 100μA
    Stand-by Current : 0.1μA
    High Ripple Rejection : 80dB@f=1kHz
    Protection Circuits : Current Limit (400mA)
                                    Short Circuit Protection
                                    Over Heat Protection
    Inrush Current Protection
    Low ESR Capacitors : CIN =1.0μF, CL=1.0μF
    CE Function : Active High
                           CL High Speed Discharge
    Operating Ambient Temperature : -40℃~+85℃
    Small Package : LGA-4B01 (0.75mm×0.75mm×h 0.3MAX.)
    Environmentally Friendly : EU RoHS Compliant, Pb Free

■ APPLICATIONS
● Mobile devices / terminals
● Wireless LAN
● Modules (Wireless, Camera, ect.)
● Smart Phones / Mobile phones




Similar Part No. - XC6229

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220 TOREX-XC6220 Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
More results


Similar Description - XC6229

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
logo
List of Unclassifed Man...
YS1505A ETC2-YS1505A Datasheet
139Kb / 3P
Small and compact size, Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
300mA High Speed LDO Regulator,
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
Built-in Inrush Current Protection
R15A-5-N ETC2-R15A-5-N Datasheet
106Kb / 3P
Built-in Inrush Current Protection Small size and light
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
300mA High Speed LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com