Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE3450 Datasheet (PDF) - Honeywell Solid State Electronics Center

SE3450 Datasheet PDF - Honeywell Solid State Electronics Center
Part # SE3450
Download  SE3450 Download
File Size   361.92 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description GaAs Infrared Emitting Diode

SE3450 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE3450 Datasheet PDF - Honeywell Solid State Electronics Center

Part # SE3450
Download  SE3450 Click to download

File Size   361.92 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description GaAs Infrared Emitting Diode

SE3450 Datasheet (HTML) - Honeywell Solid State Electronics Center


SE3450 Product details

DESCRIPTION
The SE3450/5450 series consists of a gallium arsenide infrared emitting diode mounted in a TO-46 metal can package. The SE3450 series has flat window cans providing a wide beam angle, while the SE5450 series has glass lensed cans providing a narrow beam angle. The TO-46 packages offer high power dissipation capability and are ideally suited for operation in hostile environment.

FEATURES
• TO-46 metal can package
• Choice of flat window or lensed package
• 90¡ or 20¡ (nominal) beam angle option
• 935 nm wavelength
• Wide operating temperature range
   (-55°C to +125°C)
• Mechanically and spectrally matched to
   SD3421/5421 photodiode,
   SD3443/5443/5491phototransistor,
   SD3410/5410 photodarlington and SD5600
   series Schmitt trigger




Similar Part No. - SE3450

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SE3455 HONEYWELL-SE3455 Datasheet
83Kb / 4P
GaAs Infrared Emitting Diode
logo
Honeywell Accelerometer...
SE3455 HONEYWELL-ACC-SE3455 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE3455 HONEYWELL-SE3455 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
More results


Similar Description - SE3450

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
1N6265 QT-1N6265 Datasheet
231Kb / 3P
GAAS INFRARED EMITTING DIODE
CQX14 QT-CQX14 Datasheet
231Kb / 3P
GAAS INFRARED EMITTING DIODE
CQX15 QT-CQX15 Datasheet
232Kb / 3P
GAAS INFRARED EMITTING DIODE
LED55B QT-LED55B Datasheet
233Kb / 3P
GAAS INFRARED EMITTING DIODE
QEE113 QT-QEE113 Datasheet
168Kb / 2P
GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
LED55BF FAIRCHILD-LED55BF Datasheet
155Kb / 4P
GaAs INFRARED EMITTING DIODE
logo
NEC
SE306 NEC-SE306 Datasheet
45Kb / 2P
GaAs INFRARED EMITTING DIODE
logo
KODENSHI_AUK CORP.
KELD001 KODENSHI-KELD001 Datasheet
41Kb / 1P
Infrared Emitting Diode(GaAs)
EL333 KODENSHI-EL333 Datasheet
193Kb / 2P
Infrared Emitting Diode(GaAs)
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
GaAs infrared emitting diode
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com