Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM51 Datasheet (PDF) - TT Electronics.

HM51 Datasheet PDF - TT Electronics.
Part # HM51
Download  HM51 Download
File Size   638.96 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Axially Leaded Miniature Power Inductors

HM51 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM51 Datasheet PDF - TT Electronics.

Part # HM51
Download  HM51 Click to download

File Size   638.96 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Axially Leaded Miniature Power Inductors

HM51 Datasheet (HTML) - TT Electronics.


HM51 Product details

Axially Leaded Miniature Power Inductors

Features and Benefits
• Inductance Range 3.9µH to 10,000µH
• Standard Tolerance ±10%
• Operating Temperature Range -55C to +105°C
• RoHS Compliant




Similar Part No. - HM51

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51 BITECH-HM51 Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
HM51-100JLF BITECH-HM51-100JLF Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
HM51-100KLF BITECH-HM51-100KLF Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
HM51-100KLF BITECH-HM51-100KLF Datasheet
382Kb / 1P
Axially Leaded Miniature Power Inductors
HM51-100MLF BITECH-HM51-100MLF Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
More results


Similar Description - HM51

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
HM51 BITECH-HM51 Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
Self Leaded Power Inductors
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
Miniature Leaded Crystal
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com