Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF1256 Datasheet (PDF) - OKI electronic componets

KGF1256 Datasheet PDF - OKI electronic componets
Part # KGF1256
Download  KGF1256 Download
File Size   201.47 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Medium-Power Amplifier

KGF1256 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF1256 Datasheet PDF - OKI electronic componets

Part # KGF1256
Download  KGF1256 Click to download

File Size   201.47 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Medium-Power Amplifier

KGF1256 Datasheet (HTML) - OKI electronic componets


KGF1256 Product details

GENERAL DESCRIPTION
The KGF1256B is a medium-power amplifier, with frequencies ranging from the UHF-band to the L-band, that features high output power, low noise, and low current operation. The KGF1256B specifications are guaranteed to a fixed matching circuit for 5 V and 850 MHz; external impedance-matching circuits are also required. Because of the low noise and high output power at the low operating current, the KGF1256B is ideal as a transmitter-driver amplifier for personal handy phones.
The KGF1256 is similar to the KGF1256B in specifications and typical properties. Although having S Parameters that are slightly different from those of the KGF1256B, the KGF1256 meets the specifications for the KGF1256B, even with the same matching circuits.

FEATURES
• High output power: 15 dBm (min.)
• Low noise: 2.5 dB (max.)
• Low current: 40 mA (max.)
• Self-bias circuit configuration with built-in source capacitor
• Package: 4PSOP




Similar Part No. - KGF1256

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1254 OKI-KGF1254 Datasheet
171Kb / 14P
Medium-Power Amplifier
KGF1254B OKI-KGF1254B Datasheet
171Kb / 14P
Medium-Power Amplifier
KGF1255 OKI-KGF1255 Datasheet
178Kb / 5P
UHF-band Device Series
More results


Similar Description - KGF1256

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com