Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX30 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

ZX30 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # ZX30
Download  ZX30 Download
File Size   166.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Power Z Diodes

ZX30 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX30 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # ZX30
Download  ZX30 Click to download

File Size   166.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Power Z Diodes

ZX30 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


ZX30 Product details

Silicon Power Z Diodes

• Maximum power dissipation          12.5 W
• Nominal Z-voltage                  3.9…200 V
• Metal case                                       DO-4
• Weight approx.                                 5.5 g
• Standard polarity: Cathode to stud / Gewinde
• Index R: Anode to stud / Gewinde (e.g. ZX ...R)
• Standard packaging: bulk




Similar Part No. - ZX30

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX30 DIOTEC-ZX30 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX30 DIOTEC-ZX30 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
Mini-Circuits
ZX30-12-4 MINI-ZX30-12-4 Datasheet
242Kb / 1P
Directional Coupler
ZX30-12-4+ MINI-ZX30-12-4+ Datasheet
242Kb / 1P
Directional Coupler
ZX30-12-4-S+ MINI-ZX30-12-4-S+ Datasheet
242Kb / 1P
Directional Coupler
More results


Similar Description - ZX30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
logo
Vishay Siliconix
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
Silicon Z–Diodes
06-Aug-99
logo
Diotec Semiconductor
ZPY10B DIOTEC-ZPY10B Datasheet
84Kb / 2P
Silicon Power Z-Diodes
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
Silicon Z-diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com