Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF1283 Datasheet (PDF) - OKI electronic componets

KGF1283 Datasheet PDF - OKI electronic componets
Part # KGF1283
Download  KGF1283 Download
File Size   96.5 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Power FET (Plastic Package Type)

KGF1283 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF1283 Datasheet PDF - OKI electronic componets

Part # KGF1283
Download  KGF1283 Click to download

File Size   96.5 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Power FET (Plastic Package Type)

KGF1283 Datasheet (HTML) - OKI electronic componets


KGF1283 Product details

GENERAL DESCRIPTION
The KGF1283, housed in a SOT-89 type plastic-mold package, is a discrete UHF-band power FET that features high efficiency, high output power, and high gain. The KGF1283 specifications are guaranteed to a fixed matching circuit for 5.8 V and 850 MHz; external impedance-matching circuits are also required. Because of its high efficiency, high output power (more than 26.5 dBm), high gain, and plastic package, the KGF1283 is ideal as a transmitter-driver amplifier for personal handy phones.

FEATURES
• High output power: 26.5 dBm (min.)
• High efficiency: 60% (typ.)
• High linear gain: 17 dB (typ.)
• Package: 3PMMP (SOT-89 type)




Similar Part No. - KGF1283

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1284 OKI-KGF1284 Datasheet
82Kb / 7P
Power FET (Plastic Package Type)
More results


Similar Description - KGF1283

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1284 OKI-KGF1284 Datasheet
82Kb / 7P
Power FET (Plastic Package Type)
KGF1305T OKI-KGF1305T Datasheet
66Kb / 6P
Power FET (Ceramic Package Type)
KGF1313 OKI-KGF1313 Datasheet
94Kb / 7P
Power FET (Plastic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
KGF1608 OKI-KGF1608 Datasheet
100Kb / 8P
Power FET (Ceramic Package Type)
KGF1633 OKI-KGF1633 Datasheet
73Kb / 6P
Power FET (Plastic Package Type)
KGF1637 OKI-KGF1637 Datasheet
77Kb / 6P
Power FET (Plastic Package Type)
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL_11 Datasheet
191Kb / 7P
Micro-X type plastic package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com