Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF2441 Datasheet (PDF) - OKI electronic componets

KGF2441 Datasheet PDF - OKI electronic componets
Part # KGF2441
Download  KGF2441 Download
File Size   88.54 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description AGC Amplifier

KGF2441 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF2441 Datasheet PDF - OKI electronic componets

Part # KGF2441
Download  KGF2441 Click to download

File Size   88.54 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description AGC Amplifier

KGF2441 Datasheet (HTML) - OKI electronic componets


KGF2441 Product details

GENERAL DESCRIPTION
The KGF2441 is a GaAs FET AGC amplifier offering a wide dynamic range of ≥80 dB. With control over a +30 dB (max.) to –50 dB (min.) range at 130 MHz, the device also provides excellent gain slope linearity. The KGF2441 operates with a single 5-V power supply with a low current operation of 5 mA (typ.) The device is particularly suited to IF-stage amplifier applications, such as portable handy phones based on CDMA-type digital cellular technology operating over wide dynamic ranges.

FEATURES
• Wide dynamic range: 80 dB (min.)
• Excellent gain slope linearity for AGC voltage
• Low current operation: 5 V, 5 mA (typ.)
• Package: 8PSOP




Similar Part No. - KGF2441

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KGF20N05D RENESAS-KGF20N05D Datasheet
546Kb / 10P
N-Channel 5.5V Dual Power MOSFET
Feb 1, 2018
logo
KEC(Korea Electronics)
KGF20N60KDA KEC-KGF20N60KDA Datasheet
1Mb / 8P
High speed switching
KGF20N60PA KEC-KGF20N60PA Datasheet
1Mb / 6P
High speed switching
logo
OKI electronic componet...
KGF2512 OKI-KGF2512 Datasheet
75Kb / 6P
Midium Power Amplifier for L-band
logo
KEC(Korea Electronics)
KGF25N120KDA KEC-KGF25N120KDA Datasheet
1Mb / 8P
High speed switching
More results


Similar Description - KGF2441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761663 TI-SN761663 Datasheet
211Kb / 9P
AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
AGC Transimpedance Amplifier
Rev 1.6
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
AGC Transimpedance Amplifier
Rev 4
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
AGC Transimpedance Amplifier
Rev 4
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
AGC Amplifier
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
AGC AMPLIFIER
logo
Texas Instruments
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
AGC AMPLIFIER
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
AGC AMPLIFIER
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
AGC AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com