Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC32 Datasheet (PDF) - Integral Corp.

IN74AC32 Datasheet PDF - Integral Corp.
Part # IN74AC32
Download  IN74AC32 Download
File Size   141.48 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT OR GATE High-Speed Silicon-Gate CMOS

IN74AC32 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC32 Datasheet PDF - Integral Corp.

Part # IN74AC32
Download  IN74AC32 Click to download

File Size   141.48 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT OR GATE High-Speed Silicon-Gate CMOS

IN74AC32 Datasheet (HTML) - Integral Corp.


IN74AC32 Product details

The IN74AC32 is identical in pinout to the LS/ALS32, HC/HCT32. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• High Noise Immunity Characteristic of CMOS Devices

• Outputs Source/Sink 24 mA



 




Similar Part No. - IN74AC32

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC323DW IKSEMICON-IN74AC323DW Datasheet
322Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC323N IKSEMICON-IN74AC323N Datasheet
322Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC32D IKSEMICON-IN74AC32D Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC32

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
KK74AC86 KODENSHI-KK74AC86 Datasheet
210Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
KK74ACT86 KODENSHI-KK74ACT86 Datasheet
209Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
IN74ACT32 IKSEMICON-IN74ACT32 Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
IN74ACT86 IKSEMICON-IN74ACT86 Datasheet
149Kb / 5P
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com