Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-LBAS316T1G Datasheet (PDF) - Leshan Radio Company

S-LBAS316T1G Datasheet PDF - Leshan Radio Company
Part # S-LBAS316T1G
Download  S-LBAS316T1G Download
File Size   236.98 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-speed diode

S-LBAS316T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
S-LBAS316T1G Datasheet PDF - Leshan Radio Company

Part # S-LBAS316T1G
Download  S-LBAS316T1G Click to download

File Size   236.98 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-speed diode

S-LBAS316T1G Datasheet (HTML) - Leshan Radio Company


S-LBAS316T1G Product details

DESCRIPTION
The LBAS316T1 is a high-speed switching diode fabricated in planar technology, and encapsulated in the SOD323(SC76) SMD plastic package.

FEATURES
• Ultra small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 100 V
• Repetitive peak forward current: max. 500 mA.
• We declare that the material of product compliance with RoHS requirements.
• S- Prefix for Automotive and Other Applications Requiring Unique Site and
   Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.

APPLICATIONS
• High-speed switching in e.g. surface mounted circuits.




Similar Part No. - S-LBAS316T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S-LBAS116LT1G LEIDITECH-S-LBAS116LT1G Datasheet
360Kb / 3P
Surface Mount Low Leakge Diode
S-LBAS116LT3G LEIDITECH-S-LBAS116LT3G Datasheet
360Kb / 3P
Surface Mount Low Leakge Diode
S-LBAS16LT1G LEIDITECH-S-LBAS16LT1G Datasheet
471Kb / 3P
Switching Diode
S-LBAS16LT3G LEIDITECH-S-LBAS16LT3G Datasheet
471Kb / 3P
Switching Diode
logo
Leshan Radio Company
S-LBAS16TT1G LRC-S-LBAS16TT1G Datasheet
237Kb / 4P
Silicon Switching Diode
More results


Similar Description - S-LBAS316T1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
NXP Semiconductors
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com