Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC1086 Datasheet (PDF) - List of Unclassifed Manufacturers

EC1086 Datasheet PDF - List of Unclassifed Manufacturers
Part # EC1086
Download  EC1086 Download
File Size   508.58 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Dropout Regulator

EC1086 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC1086 Datasheet PDF - List of Unclassifed Manufacturers

Part # EC1086
Download  EC1086 Click to download

File Size   508.58 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Dropout Regulator

EC1086 Datasheet (HTML) - List of Unclassifed Manufacturers


EC1086 Product details

[BRIGHTWELL Technology LTD]

General Description
The EC1086 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 1.5A of load current.
The EC1086 is available in 1.5V, 1.8V, 2.5V, 3V, 3.3V, and 5.0V versions. The fixed versions integrate the adjust resistors. It is also available in an adjustable version, which can set the output voltage with only two external resistors.
The series features on-chip thermal shutdown. It also includes a bandgap reference and a current limiting circuit.
The EC1086 series is available in standard packages of TO-263-3L, TO-220, SOT-223 and TO-252.

Features
   Available in 1.5V, 1.8V, 2.5V, 3V, 3.3V, 5.0V and adjustable versions
   Low dropout voltage: typical 1.3V at 1.5A
   Current limiting and thermal protection
   Low dropout voltage
   Output current: 1.5A
   Current limit: 2.3A
   Operating junction temperature range: 0 ~ 125oC
   Line regulation: 0.015% (typ.)
   Load regulation: 0.1% (typ.)

Applications
   High efficiency linear regulators
   Battery charger
   Post regulation for switching supply
   Microprocessor supply
   Motherboard power supply
   Cable and ADSL modem
   DVD-Video player
   Telecom equipment
   Set top boxes and web boxes modules supply




Similar Part No. - EC1086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC1089 ETC-EC1089 Datasheet
331Kb / 6P
InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1089 WJCI-EC1089 Datasheet
282Kb / 5P
InGaP HBT Gain Block
logo
List of Unclassifed Man...
EC1089B ETC-EC1089B Datasheet
331Kb / 6P
InGaP HBT Gain Block
EC1089B-G ETC-EC1089B-G Datasheet
331Kb / 6P
InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1089B-G WJCI-EC1089B-G Datasheet
282Kb / 5P
InGaP HBT Gain Block
More results


Similar Description - EC1086

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
Low Dropout Regulator
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
LOW DROPOUT REGULATOR
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
Low Dropout Regulator
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
Low Dropout Regulator
logo
Linear Technology
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
LOW DROPOUT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com