Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC5658QM3T5G Datasheet (PDF) - Leshan Radio Company

L2SC5658QM3T5G Datasheet PDF - Leshan Radio Company
Part # L2SC5658QM3T5G
Download  L2SC5658QM3T5G Download
File Size   336.35 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description NPN Silicon General Purpose Amplifier Transistor

L2SC5658QM3T5G Datasheet (PDF)

Go To PDF Page Download Datasheet
L2SC5658QM3T5G Datasheet PDF - Leshan Radio Company

Part # L2SC5658QM3T5G
Download  L2SC5658QM3T5G Click to download

File Size   336.35 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description NPN Silicon General Purpose Amplifier Transistor

L2SC5658QM3T5G Datasheet (HTML) - Leshan Radio Company


L2SC5658QM3T5G Product details

NPN Silicon General Purpose Amplifier Transistor

This NPN transistor is designed for general purpose amplifier applications. This device is housed in the SOT-723 package which is designed for low power surface mount applications, where board space is at a premium.

Features
• Reduces Board Space
• High hFE, 210−460 (typical)
• Low VCE(sat), < 0.5 V
• ESD Performance: Human Body Model; > 2000 V,
                                 Machine Model; > 200 V
• Available in 8 mm, 7-inch/3000 Unit Tape and Reel
• These are Pb−Free Devices




Similar Part No. - L2SC5658QM3T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G_15 Datasheet
336Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results


Similar Description - L2SC5658QM3T5G

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
Silicon NPN Transistor General Purpose Amplifier
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
General Purpose Amplifier NPN Silicon Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com