Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41020BCPZ Datasheet (PDF) - Analog Devices

ADF41020BCPZ Datasheet PDF - Analog Devices
Part # ADF41020BCPZ
Download  ADF41020BCPZ Download
File Size   360.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18 GHz Microwave PLL Synthesizer

ADF41020BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF41020BCPZ Datasheet PDF - Analog Devices

Part # ADF41020BCPZ
Download  ADF41020BCPZ Click to download

File Size   360.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18 GHz Microwave PLL Synthesizer

ADF41020BCPZ Datasheet (HTML) - Analog Devices




Similar Part No. - ADF41020BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41020BCPZ AD-ADF41020BCPZ Datasheet
352Kb / 16P
The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.
REV. 0
ADF41020BCPZ-RL7 AD-ADF41020BCPZ-RL7 Datasheet
352Kb / 16P
The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.
REV. 0
More results


Similar Description - ADF41020BCPZ

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
PLL Synthesizer IC
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
PLL Synthesizer IC
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
1.1 GHZ PLL FREQUENCY SYNTHESIZER
logo
Micronetics, Inc.
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
logo
Micross Components
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
18 and 23 GHz Microwave Radios
logo
Analog Devices
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
Microwave Wideband Synthesizer
8/2017-Revision 0
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com