Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW93C Datasheet (PDF) - Inchange Semiconductor Company Limited

BDW93C Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDW93C
Download  BDW93C Download
File Size   298.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDW93C Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW93C Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDW93C
Download  BDW93C Click to download

File Size   298.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDW93C Datasheet (HTML) - Inchange Semiconductor Company Limited


BDW93C Product details

DESCRIPTION
• Collector Current -IC= 12A
• Collector-Emitter Sustaining Voltage-
   : VCEO(SUS) = 45V(Min)- BDW93; 60V(Min)- BDW93A
                             80V(Min)- BDW93B; 100V(Min)- BDW93C
• Complement to Type BDW94/A/B/C

APPLICATIONS
• Designed for hammer drivers, audio amplifier applications.




Similar Part No. - BDW93C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW93C MOSPEC-BDW93C Datasheet
183Kb / 4P
POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW93C POINN-BDW93C Datasheet
147Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDW93C STMICROELECTRONICS-BDW93C Datasheet
80Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Fairchild Semiconductor
BDW93C FAIRCHILD-BDW93C Datasheet
39Kb / 5P
Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW93C BOURNS-BDW93C Datasheet
108Kb / 5P
NPN SILICON POWER DARLINGTONS
More results


Similar Description - BDW93C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com