Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC108 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

KBPC108 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # KBPC108
Download  KBPC108 Download
File Size   187.15 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Single Phase Rectifier Bridge, 3 A, 6 A

KBPC108 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC108 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # KBPC108
Download  KBPC108 Click to download

File Size   187.15 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Single Phase Rectifier Bridge, 3 A, 6 A

KBPC108 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


KBPC108 Product details

DESCRIPTION
The KBPC series of single phase rectifier bridge consists of four silicon junctions connected as a full bridge. These devices are intended for general use in industrial and consumer equipment.

FEATURES
• Suitable for printed circuit board or chassis mounting
• Compact construction
• High surge current capability




Similar Part No. - KBPC108

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC108 SEMTECH-KBPC108 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC108 SSE-KBPC108 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC108 CHENYI-KBPC108 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC108 DCCOM-KBPC108 Datasheet
406Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC108 LRC-KBPC108 Datasheet
48Kb / 2P
3.0A BRIDGE RECTIFIERS
More results


Similar Description - KBPC108

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
KBJ6A DACHANG-KBJ6A Datasheet
195Kb / 2P
Single-phase Silicon Bridge Rectifier Forward Current 6 A
logo
Vishay Siliconix
KBPC1 VISHAY-KBPC1 Datasheet
123Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
KBPC102 VISHAY-KBPC102 Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
KBPC604PBF VISHAY-KBPC604PBF Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
VS-KBPC601PBF VISHAY-VS-KBPC601PBF Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
VS-KBPC1 VISHAY-VS-KBPC1 Datasheet
122Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
16-Mar-17
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-KBPC1 VISHAY-VS-KBPC1_V01 Datasheet
124Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
18-May-2018
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-KBPC1 VISHAY-VS-KBPC1_V02 Datasheet
123Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
18-May-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com