Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC06152 Datasheet (PDF) - Knowles Electronics

FPC06152 Datasheet PDF - Knowles Electronics
Part # FPC06152
Download  FPC06152 Download
File Size   294.15 Kbytes
Page   2 Pages
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics
Description 4 to 8GHz 20dB Directional Coupler

FPC06152 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPC06152 Datasheet PDF - Knowles Electronics

Part # FPC06152
Download  FPC06152 Click to download

File Size   294.15 Kbytes
Page   2 Pages
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics
Description 4 to 8GHz 20dB Directional Coupler

FPC06152 Datasheet (HTML) - Knowles Electronics




Similar Part No. - FPC06152

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
FPC06152 JOHANSONMANUFACTURING-FPC06152 Datasheet
1Mb / 4P
4 to 8GHz 20dB Directional Coupler
June 2024
FPC06152-T JOHANSONMANUFACTURING-FPC06152-T Datasheet
1Mb / 4P
4 to 8GHz 20dB Directional Coupler
June 2024
More results


Similar Description - FPC06152

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
20dB Directional Coupler
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
20dB Directional Coupler
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S_09 Datasheet
563Kb / 23P
20dB Directional Coupler
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06076 DILABS-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06076 KNOWLES-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
logo
Anaren Microwave
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
Directional Coupler 20dB
logo
Knowles Electronics
FPC06149 KNOWLES-FPC06149 Datasheet
317Kb / 2P
4 to 8GHz 10dB Directional Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com