Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC07802 Datasheet (PDF) - Knowles Electronics

FPC07802 Datasheet PDF - Knowles Electronics
Part # FPC07802
Download  FPC07802 Download
File Size   409.46 Kbytes
Page   2 Pages
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics
Description DC to 40GHz 30dB Resistive Coupler

FPC07802 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPC07802 Datasheet PDF - Knowles Electronics

Part # FPC07802
Download  FPC07802 Click to download

File Size   409.46 Kbytes
Page   2 Pages
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics
Description DC to 40GHz 30dB Resistive Coupler

FPC07802 Datasheet (HTML) - Knowles Electronics




Similar Part No. - FPC07802

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
FPC07802 JOHANSONMANUFACTURING-FPC07802 Datasheet
1Mb / 5P
DC to 40GHz 30dB Resistive Coupler
Jan 2024
FPC07802-T JOHANSONMANUFACTURING-FPC07802-T Datasheet
1Mb / 5P
DC to 40GHz 30dB Resistive Coupler
Jan 2024
More results


Similar Description - FPC07802

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBOH-T-800-2500-25 AAC-JXMBOH-T-800-2500-25 Datasheet
161Kb / 1P
Air Dielectric Directional Coupler (25dB, 30dB)
logo
Anaren Microwave
X4C20F1-30S ANAREN-X4C20F1-30S Datasheet
1Mb / 18P
Directional Coupler 30dB
logo
Knowles Electronics
FPC06881 KNOWLES-FPC06881 Datasheet
314Kb / 2P
DC to 25GHz 20dB Resistive Coupler
FPC06882 KNOWLES-FPC06882 Datasheet
417Kb / 2P
DC to 25GHz 30dB Resistive Coupler
FPC07181 KNOWLES-FPC07181 Datasheet
316Kb / 2P
20 to 40GHz 20dB Directional Coupler
FPC07182 KNOWLES-FPC07182 Datasheet
341Kb / 2P
20 to 40GHz 10dB Symmetrical Directional Coupler
FPC07803 KNOWLES-FPC07803 Datasheet
348Kb / 2P
DC to 40GHz 20dB Resistive Coupler
PDR05848 KNOWLES-PDR05848 Datasheet
434Kb / 2P
DC-40GHz Flip Chip Resistive Divider
logo
Soshin electric Co., Lt...
ARP-4171100-D1 SOSHIN-ARP-4171100-D1 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
HMD1711A-30M3500 SOSHIN-HMD1711A-30M3500 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com