Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9537 Datasheet (PDF) - NXP Semiconductors

PCA9537 Datasheet PDF - NXP Semiconductors
Part # PCA9537
Download  PCA9537 Download
File Size   163.33 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit I2C and SMBus low power I/O port with interrupt and reset

PCA9537 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9537 Datasheet PDF - NXP Semiconductors

Part # PCA9537
Download  PCA9537 Click to download

File Size   163.33 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit I2C and SMBus low power I/O port with interrupt and reset

PCA9537 Datasheet (HTML) - NXP Semiconductors


PCA9537 Product details

DESCRIPTION

The PCA9537 is a 10-pin CMOS device that provide 4 bits of General Purpose parallel Input/Output (GPIO) expansion with interrupt and reset for I2C/SMBus applications and was developed to enhance the Philips family of IC I/O expanders. I/O expanders provides a simple solution when additional I/O is needed for ACPI power switches, sensors, pushbuttons, LEDs, fans, etc.



FEATURES

• 4-bit I2C GPIO with interrupt and reset

• Operating power supply voltage range of 2.3 to 5.5 V

• 5 V tolerant I/Os

• Polarity inversion register

• Active LOW interrupt output

• Active LOW reset input

• Low stand-by current

• Noise filter on SCL/SDA inputs

• No glitch on power-up

• Internal power-on reset

• 4 I/O pins which default to 4 inputs

• 0 kHz to 400 kHz clock frequency

• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

• Offered in TSSOP10 package




Similar Part No. - PCA9537

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537 NXP-PCA9537 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9537 NXP-PCA9537 Datasheet
356Kb / 25P
4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
Rev. 7 - 8 September 2021
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Similar Description - PCA9537

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com