Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9050 Datasheet (PDF) - OKI electronic componets

ML9050 Datasheet PDF - OKI electronic componets
Part # ML9050
Download  ML9050 Download
File Size   472.26 Kbytes
Page   71 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays

ML9050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9050 Datasheet PDF - OKI electronic componets

Part # ML9050
Download  ML9050 Click to download

File Size   472.26 Kbytes
Page   71 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays

ML9050 Datasheet (HTML) - OKI electronic componets


ML9050 Product details

GENERAL DESCRIPTION
The ML9050/9051 is an LSI for dot matrix graphic LCD devices carrying out bit map display. This LSI can drive a dot matrix graphic LCD display panel under the control of an 8-bit microcomputer. Since all the functions necessary for driving a bit map type LCD device are incorporated in a single chip, using the ML9050/9051 makes it possible to realize a bit map type dot matrix graphic LCD display system with only a few chips.

FEATURES
• Direct display of the RAM data using the bit map method
    Display RAM data "1" ... Dot is displayed
    Display RAM data "0" ... Dot is not displayed
• Display RAM capacity
    ML9050/9051: 65 · 132 = 8580 dots
• LCD Drive circuits
    ML9050: 65 common outputs, 132 segment outputs
    ML9051: 49 common outputs, 132 segment outputs
• Microcomputer interface: Can select an 8-Bit parallel or serial interface
• Built-in voltage multiplier circuit for the LCD drive power supply
• Built-in LCD drive power supply adjustment circuit
• Built-in LCD drive bias resistors
• Line reversal drive/frame reversal drive (selected by a command)
• Built-in oscillator circuit (Internal RC oscillator/external clock input)
• A variety of commands
    Read/write of display data, display ON/OFF, normal/reverse display, all dots ON/all dots OFF, set page address, set display start address, etc.
• Power supply voltage
    Logic power supply: VDD-VSS = 1.8 V to 5.5 V
    Voltage multiplier reference voltage: VIN-VSS = 1.8 V to VDD (5-Times multiplier fi 1.8 V to 3.6 V, 6-times multiplier fi 1.8 to 3 V, 7-times multiplier fi 1.8 to 2.5 V)
    LCD Drive voltage: VBI-VSS = 6.0 to 18 V
• Package: Gold bump chip, TCP




Similar Part No. - ML9050

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02 OKI-ML9055A-02 Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02DVVAZ01L OKI-ML9055A-02DVVAZ01L Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02DVWA OKI-ML9055A-02DVWA Datasheet
377Kb / 59P
LCD Controller/Driver
More results


Similar Description - ML9050

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com