Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9060 Datasheet (PDF) - OKI electronic componets

ML9060 Datasheet PDF - OKI electronic componets
Part # ML9060
Download  ML9060 Download
File Size   156.29 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER

ML9060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9060 Datasheet PDF - OKI electronic componets

Part # ML9060
Download  ML9060 Click to download

File Size   156.29 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER

ML9060 Datasheet (HTML) - OKI electronic componets


ML9060 Product details

GENERAL DESCRIPTION
The ML9060 consists of a 320-bit shift register, a 320-bit data latch, 160 sets of LCD drivers, and a common signal generator circuit.
The LCD display data is input serially to the shift register from the DATA IN pin in synchronization with the CLOCK IN signal, and is stored in the data latch by the LOAD IN signal.
The LCD display data stored in the data latch is output via the LCD drivers.
A maximum of 160 segments of LCD can be driven in static display mode and a maximum of 320 segments can be driven directly in the 1/2 duty display mode.
It is possible to select the mode of using the internal oscillator circuit or the mode of using an external clock for the common signal generator circuit. The ML9060 also outputs the sync signal during the 1/2 duty display mode.

FEATURES
• Logic power supply : 2.7 to 5.5V
• LCD Driving voltage : 4.5 to 16V
• Maximum number of segments that can be driven:
    Static display mode : 160 segments
    1/2 Duty display mode : 320 segments
• Serial transfer clock : 1 MHz max.
• The microcontroller interface consists of the three signals DATA IN,
    CLOCK IN, and LOAD IN.
• An RC oscillator circuit is built in which can use either an external
    resistor or the internal resistor.
• Cascade connection of several ICs is possible.
• Built-in common signal generator circuit.
• Built-in common output mid-level voltage generator circuit.
• Input for turning all segments ON is available (SEG-TEST IN).
• Input for turning all segments OFF is available (BLANK IN).
• Gold bump chip Product name: ML9060DVWA




Similar Part No. - ML9060

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
24V 3.75A, TWO-PHASE INPUT
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Similar Description - ML9060

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com