Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3704S Datasheet (PDF) - International Rectifier

IRF3704S Datasheet PDF - International Rectifier
Part # IRF3704S
Download  IRF3704S Download
File Size   27.59 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS

IRF3704S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3704S Datasheet PDF - International Rectifier

Part # IRF3704S
Download  IRF3704S Click to download

File Size   27.59 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS

IRF3704S Datasheet (HTML) - International Rectifier


IRF3704S Product details

DESCRIPTION

The IRUK3055CQ01 is a complete power management chipset solution that meets Intel’s VRM 9.0 specifications for CPU power. The chipset consists of the IRU3055CQ 3-phase PWM IC and matching control (IRF3704S) and synchronous MOSFETs (IRF3711S).



FEATURES

Complete VRM 9.0 chipset for a 3-phase Buck converter capable of up to 60A

Optimized chipset for easy design of high current multiphase DC-DC converters complying with the

VRM 9.0 specification

HEXFET ÒMOSFETs for the control and synchronous FET socket



APPLICATIONS

Intel Pentium 4 and AMD K7 CPU Power

Low voltage/high current DC to DC converters

 




Similar Part No. - IRF3704S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704S IRF-IRF3704S Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3704SPBF IRF-IRF3704SPBF Datasheet
269Kb / 11P
HEXFET Power MOSFET
IRF3704SPPF IRF-IRF3704SPPF Datasheet
270Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Similar Description - IRF3704S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
VID Voltage Programmer for Intel VRM 9.0
logo
International Rectifier
3PHASEPWM IRF-3PHASEPWM Datasheet
501Kb / 5P
3-Phase Synchronous PWM Controller IC Provides an Integrated Solution for Intel VRM 9.0 Design Guidelines
logo
Bel Fuse Inc.
G7NB-60E180 BEL-G7NB-60E180 Datasheet
143Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 4.5 -15V Input / Programmable Output / 60A VRM 9.0
V7NB-30A180 BEL-V7NB-30A180 Datasheet
144Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 30A VRM 9.0 Compatible
logo
ON Semiconductor
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
logo
Maxim Integrated Produc...
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
ON Semiconductor
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com