Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148WT Datasheet (PDF) - Diotec Semiconductor

1N4148WT Datasheet PDF - Diotec Semiconductor
Part # 1N4148WT
Download  1N4148WT Download
File Size   141.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Switching Diodes

1N4148WT Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148WT Datasheet PDF - Diotec Semiconductor

Part # 1N4148WT
Download  1N4148WT Click to download

File Size   141.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Switching Diodes

1N4148WT Datasheet (HTML) - Diotec Semiconductor


1N4148WT Product details

Features
    Low profile plastic package Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Signal processing, High-speed switching Commercial grade
    Suffix -Q: AEC-Q101 compliant 1)
    Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
    Taped and reeled 4000 / 7“
    Weight approx. 0.01 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - 1N4148WT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4148WT DIODES-1N4148WT Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30396 Rev. 6 - 2
logo
Fairchild Semiconductor
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
High Conductance Fast Switching Diode
logo
SEMTECH ELECTRONICS LTD...
1N4148WT SEMTECH_ELEC-1N4148WT Datasheet
237Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Daya Electric Group Co....
1N4148WT DAYA-1N4148WT Datasheet
126Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4148WT DIODES-1N4148WT Datasheet
102Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
DS30396 Rev. 12 - 2
More results


Similar Description - 1N4148WT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
logo
Diotec Semiconductor
LS4148 DIOTEC-LS4148_15 Datasheet
143Kb / 2P
Small Signal SMD Switching Diodes
1N4148WS DIOTEC-1N4148WS_16 Datasheet
134Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_15 Datasheet
135Kb / 2P
Small Signal SMD Switching Diodes
1N4148W DIOTEC-1N4148W_17 Datasheet
132Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_17 Datasheet
144Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_17 Datasheet
129Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_17 Datasheet
128Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_18 Datasheet
145Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_18 Datasheet
142Kb / 2P
SMD Small Signal Switching Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com