Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4215A Datasheet (PDF) - Semtech Corporation

SC4215A Datasheet PDF - Semtech Corporation
Part # SC4215A
Download  SC4215A Download
File Size   182.26 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input /Very Low Dropout 2 Amp Regulator With Enable

SC4215A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4215A Datasheet PDF - Semtech Corporation

Part # SC4215A
Download  SC4215A Click to download

File Size   182.26 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input /Very Low Dropout 2 Amp Regulator With Enable

SC4215A Datasheet (HTML) - Semtech Corporation


SC4215A Product details

Description

The SC4215A is a high performance positive voltage regulator designed for use in applications requiring very low input voltage and very low  dropout  voltage at up to 2 amperes. It operates with a  Vin as low as 1.4V, with output voltage programmable as low as 0.5V. The SC4215A features ultra low dropout, ideal for applications where Vout is very close to Vin. Additionally,  the SC4215A has an enable pin to further reduce power dissipation while shutdown. The SC4215A provides excellent  regulation  over variations in line, load and temperature.



Features

Input Voltage as low as 1.4V

400mV dropout @ 2A

Adjustable output from 0.5V to 3.8V

Over current and over temperature protection

Enable pin

10µA quiescent current in shutdown

Full industrial temperature range

Available in SOIC-8-EDP Lead-free package, fully WEEE and RoHS compliant

 




Similar Part No. - SC4215A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215ASTRT SEMTECH-SC4215ASTRT Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results


Similar Description - SC4215A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_09 Datasheet
1,013Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI-TPS7A7001_15 Datasheet
843Kb / 21P
TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com