Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGF1908A Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF1908A Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF1908A
Download  MGF1908A Download
File Size   424.61 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description TAPE CARRIER LOW NOISE GaAs FET

MGF1908A Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF1908A Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF1908A
Download  MGF1908A Click to download

File Size   424.61 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description TAPE CARRIER LOW NOISE GaAs FET

MGF1908A Datasheet (HTML) - Mitsubishi Electric Semiconductor


MGF1908A Product details

DESCRIPTION
The MGF1908A is a low-noise GaAs FET with an N-channel Schottky gate, which is designed for use in S to Ku band amplifiers and oscillators. The hermetically sealed metal-ceramic package assures minimum parasitic losses, and has a configuration suitable for microstrip circuits. The MGF1908Ais mounted in the Super 12 tape, and is electrically equivalent to MGF1303B.

FEATURES
• Low noise figure
   NFmin. = 2.3 dB (MAX.) @ f=12GHz
• High associated gain
   Gs = 8.0dB (MIN.)          @ f=12GHz

APPLICATION
   C to KU band low noise amplifiers




Similar Part No. - MGF1908A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1902B MITSUBISHI-MGF1902B Datasheet
210Kb / 5P
TAPE CARRIER LOW NOISE GaAs FET???
MGF1903B MITSUBISHI-MGF1903B Datasheet
174Kb / 4P
TAPE CARRIER LOW NOISE GaAs FET????
MGF1907A MITSUBISHI-MGF1907A Datasheet
379Kb / 6P
TAPE CARRIER LOW NOISE GaAs FET
More results


Similar Description - MGF1908A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302 Datasheet
211Kb / 5P
LOW NOISE GaAs FET
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
LOW NOISE GaAs FET?
MGF1403B MITSUBISHI-MGF1403B Datasheet
166Kb / 4P
LOW NOISE GaAs FET?
MGF1801BT MITSUBISHI-MGF1801BT Datasheet
121Kb / 3P
TAPE CARRIER MICROWAVE POWER GaAs FET?
MGF1902B MITSUBISHI-MGF1902B Datasheet
210Kb / 5P
TAPE CARRIER LOW NOISE GaAs FET???
MGF1903B MITSUBISHI-MGF1903B Datasheet
174Kb / 4P
TAPE CARRIER LOW NOISE GaAs FET????
MGF1923 MITSUBISHI-MGF1923 Datasheet
528Kb / 5P
TAPE CARRIER SMALL SIGNAL GaAs FET????
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
LOW NOISE GaAs FET
logo
Mitsubishi Electric Sem...
MGF1907A MITSUBISHI-MGF1907A Datasheet
379Kb / 6P
TAPE CARRIER LOW NOISE GaAs FET
MGF1801BT MITSUBISHI-MGF1801BT_1 Datasheet
334Kb / 4P
TAPE CARRIER MICROWAVE POWER GaAs FET?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com