Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF377HR5 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF377HR5 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF377HR5
Download  MRF377HR5 Download
File Size   781.69 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF377HR5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF377HR5 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF377HR5
Download  MRF377HR5 Click to download

File Size   781.69 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

MRF377HR5 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF377HR5 Product details

470 - 860 MHz, 45 W AVG., 32 V LATERAL N-CHANNEL RF POWER MOSFET

Designed for broadband commercial and industrial applications with frequencies from 470 to 860 MHz. The high gain and broadband performance of these devices make them ideal for large-signal, common source amplifier applications in 32 volt digital television transmitter equipment.
• Typical Broadband DVBT OFDM Performance @ 470-860 MHz, 32 Volts, IDQ = 2000 mA, 8K Mode, 64 QAM
   Output Power — 45 Watts Avg.
   Power Gain ≥ 16.7 dB
   Drain Efficiency ≥ 21%
   ACPR ≤ -58 dBc
• Typical Broadband ATSC 8VSB Performance @ 470-860 MHz, 32 Volts, IDQ = 2000 mA
   Output Power — 80 Watts Avg.
   Power Gain ≥ 16.5 dB
   Drain Efficiency ≥ 27.5%
   IMD ≥ -31.3 dBc
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 860 MHz, 45 Watts CW Output Power

Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Device Designed for Push-Pull Operation Only
• Integrated ESD Protection
• Excellent Thermal Stability
• Lower Thermal Resistance Package
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
R5 Suffix = 50 Units per 56 mm, 13 inch Reel.




Similar Part No. - MRF377HR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF377HR3 FREESCALE-MRF377HR3 Datasheet
787Kb / 14P
RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF377HR3 FREESCALE-MRF377HR3_09 Datasheet
787Kb / 14P
RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Similar Description - MRF377HR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1 Datasheet
701Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com