Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2310 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C2310 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C2310
Download  PI6C2310 Download
File Size   138.16 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low skew, low jitter, PLL clock buffer with divider or multiplier

PI6C2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C2310 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C2310
Download  PI6C2310 Click to download

File Size   138.16 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low skew, low jitter, PLL clock buffer with divider or multiplier

PI6C2310 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C2310 Product details

Product Description
PI6C2310 is a low skew, low jitter, PLL clock buffer with divider or multiplier designed for PCI-X application in servers and workstations. There are two selectable input ranges using HF# input: 10-40 MHz and 40-80 MHz. All outputs are synchronized to the input and to the other outputs. Each output can be independently turned off to reduce EMI and power consumption.

Product Features
• Four synchronous outputs
• Selectable divider/multiplier
• Output Enable control
• Low phase error < 150 ps
• Allows clock input to have spread spectrum modulation for
   EMI reduction
• Low output skew < 200 ps
• Low cycle jitter < 200 ps
• Industrial temperature (–40° C to 85° C)
• 3.3V V supply
• Packages: 24-pin QSOP (Q) and 24-pin TSSOP (L)




Similar Part No. - PI6C2310

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302-WI PERICOM-PI6C2302-WI Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302W PERICOM-PI6C2302W Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2305-1HW PERICOM-PI6C2305-1HW Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
More results


Similar Description - PI6C2310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
Low Skew Clock Buffer
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
Low Skew Clock Buffer
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
Low Jitter and Skew DC to 140MHz Clock Buffer
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
Low Jitter Clock Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com