| Electronic Components Datasheet Search |
|
STE40NK90ZD Datasheet (PDF) - STMicroelectronics |
STE40NK90ZD Datasheet (PDF) |
|
Download Datasheet |
| Part # | STE40NK90ZD |
| Download | STE40NK90ZD Click to download |
| File Size | 278.66 Kbytes |
| Page | 10 Pages |
| Manufacturer | STMICROELECTRONICS [STMicroelectronics] |
| Direct Link | http://www.st.com |
| Logo | |
| Description | N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET |
STE40NK90ZD Datasheet (HTML) - STMicroelectronics |
Similar Part No. - STE40NK90ZD |
|
Similar Description - STE40NK90ZD |
|
About STMicroelectronics |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |