Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5551 Datasheet (PDF) - Diotec Semiconductor

MMBT5551 Datasheet PDF - Diotec Semiconductor
Part # MMBT5551_18
Download  MMBT5551 Download
File Size   143.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose NPN Transistors

MMBT5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT5551 Datasheet PDF - Diotec Semiconductor

Part # MMBT5551_18
Download  MMBT5551 Click to download

File Size   143.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose NPN Transistors

MMBT5551 Datasheet (HTML) - Diotec Semiconductor


MMBT5551 Product details

Features
   General Purpose Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, Switching, Amplification Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                               MSL = 1




Similar Part No. - MMBT5551_18

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
logo
Unisonic Technologies
MMBT5551 UTC-MMBT5551_10 Datasheet
149Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Micro Commercial Compon...
MMBT5551 MCC-MMBT5551_11 Datasheet
166Kb / 2P
NPN Plastic Encapsulate Transistor
logo
Galaxy Semi-Conductor H...
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Guangdong Kexin Industr...
MMBT5551 KEXIN-MMBT5551_15 Datasheet
1Mb / 2P
NPN Transistors
More results


Similar Description - MMBT5551_18

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC817 DIOTEC-BC817_17 Datasheet
153Kb / 2P
SMD General Purpose NPN Transistors
BC846 DIOTEC-BC846_17 Datasheet
144Kb / 2P
SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_17 Datasheet
171Kb / 2P
SMD General Purpose NPN Transistors
MMBT4401 DIOTEC-MMBT4401_17 Datasheet
143Kb / 2P
SMD General Purpose NPN Transistors
BC817 DIOTEC-BC817_18 Datasheet
153Kb / 2P
SMD General Purpose NPN Transistors
BC817W DIOTEC-BC817W_18 Datasheet
151Kb / 2P
SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_1 Datasheet
159Kb / 2P
SMD General Purpose NPN Transistors
BC846W DIOTEC-BC846W_18 Datasheet
130Kb / 2P
SMD General Purpose NPN Transistors
MMBT2222A DIOTEC-MMBT2222A_1 Datasheet
144Kb / 2P
SMD General Purpose NPN Transistors
BC846BP DIOTEC-BC846BP_18 Datasheet
130Kb / 2P
SMD General Purpose NPN Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com