Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2501A Datasheet (PDF) - SONiX Technology Company

SN8P2501A Datasheet PDF - SONiX Technology Company
Part # SN8P2501A
Download  SN8P2501A Download
File Size   453.98 Kbytes
Page   69 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description SONiX 8-Bit Micro-Controller

SN8P2501A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P2501A Datasheet PDF - SONiX Technology Company

Part # SN8P2501A
Download  SN8P2501A Click to download

File Size   453.98 Kbytes
Page   69 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description SONiX 8-Bit Micro-Controller

SN8P2501A Datasheet (HTML) - SONiX Technology Company


SN8P2501A Product details

FEATURES

♦ Memory configuration

   OTP ROM size: 1K * 16 bits.

   RAM size: 48 * 8 bits.

♦ Four levels stack buffer.

♦ I/O pin configuration

   Input only: P1.1.

   Bi-directional: P0, P1, P2, P5.

   Wakeup: P0, P1.

   Pull-up resisters: P0, P1, P2, P5.

   External interrupt: P0.

   One pin with open-drain: P1.0.

♦ 3 interrupt sources

   Two internal interrupts: T0, TC0.

   One external interrupts: INT0.

♦ Powerful instructions

   One clock per machine cycle

   Most of instructions are one cycle only.

   All ROM area JMP instruction.

   All ROM area lookup table function (MOVC)

♦ One channel PWM output. (PWM0)

♦ One channel Buzzer output. (BZ0)

♦ Two 8-bit timer counters. (T0, TC0).

♦ One RTC timer. (T0)

♦ On chip watchdog timer.

♦ Three system clocks

   External high clock: RC type up to 10 MHz

   External high clock: Crystal type up to 16 MHz

   Internal low clock: RC type 16KHz(3V), 32KHz(5V)

   Internal high clock: 16MHz RC type.

♦ Four operating modes

   Normal mode: Both high and low clock active

   Slow mode: Low clock only

   Sleep mode: Both high and low clock stop

   Green mode: Periodical wakeup by T0 Timer

♦ Package (Chip form support)

   PDIP 14 pins

   SOP 14 pins

   SSOP 16 pins




Similar Part No. - SN8P2501A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2501A SONIX-SN8P2501A Datasheet
1Mb / 107P
8-Bit Micro-Controller
Version 2.1 Apr. 2017
More results


Similar Description - SN8P2501A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com