Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V853 Datasheet (PDF) - NEC

V853 Datasheet PDF - NEC
Part # V853
Download  V853 Download
File Size   32.4 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-bit RISC Microcontrollers

V853 Datasheet (PDF)

Go To PDF Page Download Datasheet
V853 Datasheet PDF - NEC

Part # V853
Download  V853 Click to download

File Size   32.4 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-bit RISC Microcontrollers

V853 Datasheet (HTML) - NEC


V853 Product details

Description

The single-chip V853 microcontroller is a member of NEC’s 32-bit RISC V850 family.

It integrates CPU, ROM, RAM and peripheral functions on chip. The internal bus is 32 bits wide, the external bus 16 bits wide. Controller memory options are listed in Table 1.



Features

• Small 32-bit RISC CPU core

• 30 ns minimum instruction execution time (33 MHz max. clock)

• 16-Mbyte linear address space

• 1-Mbyte external address space

• 32 general-purpose registers

• 74 instructions optimized for embedded control

• DSP functionality with 16-bit multiplication and saturation logic in a single clock cycle

• Up to 8 Kbytes internal RAM

• Interrupt controller

• Real-time pulse unit/timers

• Serial interface with baud rate generator

• A/D and D/A converters

• PWM

• Clock generator

• Power save functions

• Mask ROM, Flash versions

• 100-pin LQFP package



Applications

  Like other V850 series controllers, the V853 device is used for real-time control applications, such as servo motor control in computer peripherals and machine tools, for engine management control, consumer electronics and multimedia. Flash memory, a variety of serial communication channels and AD/DA converters make it the perfect choice for compact communication terminals and complete control systems. Typical benefits of Flash memory are individually programmed devices in the final production process and field upgradability. With their low power consumption and power-saving modes, V853 devices are also ideal for portable applications.



 




Similar Part No. - V853

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850 RENESAS-V850 Datasheet
71Kb / 6P
E1 Emulator
V850 RENESAS-V850 Datasheet
70Kb / 1P
Self Programming Library
logo
New Jersey Semi-Conduct...
V850 NJSEMI-V850 Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
Finisar Corporation.
V850-2106-001 FINISAR-V850-2106-001 Datasheet
206Kb / 6P
10GBPS 850NM VCSEL ARRAYS
V850-TBD-001 FINISAR-V850-TBD-001 Datasheet
206Kb / 6P
10GBPS 850NM VCSEL ARRAYS
More results


Similar Description - V853

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
16/32-Bit RISC Flash Microcontrollers
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
logo
Texas Instruments
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
16/32-BIT RISC ROM MICROCONTROLLERS
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
32 bit RISC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com