Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS82V16520 Datasheet (PDF) - OKI electronic componets

MS82V16520 Datasheet PDF - OKI electronic componets
Part # MS82V16520
Download  MS82V16520 Download
File Size   846.58 Kbytes
Page   67 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 32-Bit x 2-Bank Synchronous Graphics RAM

MS82V16520 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS82V16520 Datasheet PDF - OKI electronic componets

Part # MS82V16520
Download  MS82V16520 Click to download

File Size   846.58 Kbytes
Page   67 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 32-Bit x 2-Bank Synchronous Graphics RAM

MS82V16520 Datasheet (HTML) - OKI electronic componets


MS82V16520 Product details

DESCRIPTION
The MS82V16520 is a synchronous graphics random access memory organized as 256 K words x 32 bits x 2 banks.
This device can operate up to 143 MHz by using synchronous interface. In addition, it has 8-column Block Write function and Write per bit function which improves performance in graphics systems.

FEATURES
• 262,144 words x 32 bits x 2 banks memory
• Single 3.3 V ±0.3 V power supply
• LVTTL compatible inputs and outputs
• All input signals are latched at rising edge of system clock
• Auto precharge and controlled precharge
• Internal pipelined operation: column address can be changed every clock cycle
• Dual internal banks controlled by A10 (Bank Address: BA)
• Independent byte operation via DQM0 to DQM3
• 8-column Block Write function
• Persistent write per bit function
• Programmable burst sequence (Sequential/Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable CAS latency (2, 3)
• Burst stop function (full-page burst)
• Power Down operation and Clock Suspend operation
• Auto refresh and self refresh capability
• 2,048 refresh cycles/32 ms
• Package:
    100-pin plastic QFP (QFP100-P-1420-0.65-BK4) (Product : MS82V16520-xGA)
                                                                                          x indicates speed rank.




Similar Part No. - MS82V16520

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS82V16520A OKI-MS82V16520A Datasheet
1Mb / 40P
262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
MS82V16520A-7 OKI-MS82V16520A-7 Datasheet
1Mb / 40P
262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
MS82V16520A-8 OKI-MS82V16520A-8 Datasheet
1Mb / 40P
262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
More results


Similar Description - MS82V16520

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V16G50DFP-8 MITSUBISHI-M5M4V16G50DFP-8 Datasheet
167Kb / 33P
16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
logo
OKI electronic componet...
MD56V62320 OKI-MD56V62320 Datasheet
414Kb / 30P
4-Bank x 524,288-Word x 32-Bit SYNCHRONOUS DYNAMIC RAM
MSM54V24632A OKI-MSM54V24632A Datasheet
401Kb / 29P
131,072-Word x 32-Bit x 2-Bank SGRAM without Graphics Functions
MSM54V25632A OKI-MSM54V25632A Datasheet
864Kb / 67P
131,072-Word x 32-Bit x 2-Bank Synchronous Graphics RAM
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800D OKI-MSM56V16800D Datasheet
340Kb / 30P
2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800E OKI-MSM56V16800E Datasheet
400Kb / 30P
2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16400D OKI-MSM56V16400D Datasheet
339Kb / 30P
2-Bank X 2,097,152-Word X 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
Toshiba Semiconductor
TC55BS4258J TOSHIBA-TC55BS4258J Datasheet
303Kb / 6P
262,144 WORD x 4 BIT SYNCHRONOUS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com