Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74ALVC04 Datasheet (PDF) - Integrated Device Technology

IDT74ALVC04 Datasheet PDF - Integrated Device Technology
Part # IDT74ALVC04
Download  IDT74ALVC04 Download
File Size   54.93 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS HEX INVERTER

IDT74ALVC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74ALVC04 Datasheet PDF - Integrated Device Technology

Part # IDT74ALVC04
Download  IDT74ALVC04 Click to download

File Size   54.93 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS HEX INVERTER

IDT74ALVC04 Datasheet (HTML) - Integrated Device Technology


IDT74ALVC04 Product details

DESCRIPTION:
This hex inverter is built using advanced dual metal CMOS technology. The ALVC04 contains six independent inverters and performs the Boolean function Y = A.
The ALVC04 has been designed with a ±24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance.

FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• VCC = 2.5V ± 0.2V
• CMOS power levels (0.4µ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SOIC, SSOP, and TSSOP packages

DRIVE FEATURES:
• High Output Drivers: ±24mA
• Suitable for Heavy Loads

APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems




Similar Part No. - IDT74ALVC04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC08 IDT-IDT74ALVC08 Datasheet
55Kb / 5P
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08DC IDT-IDT74ALVC08DC Datasheet
55Kb / 5P
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08PG IDT-IDT74ALVC08PG Datasheet
55Kb / 5P
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08PY IDT-IDT74ALVC08PY Datasheet
55Kb / 5P
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Similar Description - IDT74ALVC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT04 PHILIPS-74LVT04 Datasheet
99Kb / 10P
3.3V Hex inverter
1996 Aug 28
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
3.3V Hex inverter Schmitt trigger
1996 Aug 28
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
CMOS Hex Inverter
December 1992
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
CMOS Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
CMOS Hex Inverter
December 1992
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com