Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA04452 Datasheet (PDF) - Golledge Electronics Ltd

MA04452 Datasheet PDF - Golledge Electronics Ltd
Part # MA04452
Download  MA04452 Download
File Size   286.14 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter for Mobile Communication 2140MHz

MA04452 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA04452 Datasheet PDF - Golledge Electronics Ltd

Part # MA04452
Download  MA04452 Click to download

File Size   286.14 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter for Mobile Communication 2140MHz

MA04452 Datasheet (HTML) - Golledge Electronics Ltd


MA04452 Product details

MAXIMUM RATING:
1. Input Power Level: 13dBm
2. DC voltage: 0V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MA04452

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04407 GOLLEDGE-MA04407 Datasheet
108Kb / 4P
SAW Filter 163MHz
MA04499 GOLLEDGE-MA04499 Datasheet
535Kb / 5P
SAW Filter 915MHz
More results


Similar Description - MA04452

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
SAW Filter 1842.5 MHz for Mobile Communication
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
SAW Filter 1960 MHz for Mobile Communication
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
SAW Filter 881.5MHz For Mobile Communication
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
SAW Filter 1842.5 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
SAW Filter 1960 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
SAW Filter 1747.5 MHz for Mobile Communication
logo
Golledge Electronics Lt...
MA06327 GOLLEDGE-MA06327 Datasheet
261Kb / 5P
SAW Filter 2140MHz
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
SAW Filter 947.5 MHz for Mobile Communication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com