Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA04236 Datasheet (PDF) - Golledge Electronics Ltd

MA04236 Datasheet PDF - Golledge Electronics Ltd
Part # MA04236
Download  MA04236 Download
File Size   203.98 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 942.5MHz

MA04236 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA04236 Datasheet PDF - Golledge Electronics Ltd

Part # MA04236
Download  MA04236 Click to download

File Size   203.98 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 942.5MHz

MA04236 Datasheet (HTML) - Golledge Electronics Ltd


MA04236 Product details

MAXIMUM RATING:
1. Input Power Level: 15dBm
2. DC voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MA04236

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA0420-1 FPE-MA0420-1 Datasheet
241Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0420-100M1 FPE-MA0420-100M1 Datasheet
241Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0420-1R0M1 FPE-MA0420-1R0M1 Datasheet
241Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0420-1R5M1 FPE-MA0420-1R5M1 Datasheet
241Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0420-2R2M1 FPE-MA0420-2R2M1 Datasheet
241Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results


Similar Description - MA04236

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS942.5W01-TS4 ABRACON-AFS942.5W01-TS4 Datasheet
1Mb / 2P
SMD 942.5MHz SAW FILTER
AFS942.5W02-TS4 ABRACON-AFS942.5W02-TS4 Datasheet
264Kb / 2P
SMD 942.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152A TAI-SAW-TA0152A Datasheet
1Mb / 7P
SAW Filter 942.5MHz For EGSM SMD 3.0횞3.0
TA0179A TAI-SAW-TA0179A Datasheet
812Kb / 6P
SAW Filter 942.5MHz
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
SAW Filter 942.5MHz SMD 3.0횞3.0
logo
SIPAT Co,Ltd
LBT94201 SIPAT-LBT94201 Datasheet
173Kb / 3P
942.5MHz SAW Filter 24MHz Bandwidth
LBT94304 SIPAT-LBT94304 Datasheet
177Kb / 3P
942.5MHz SAW Filter 24MHz Bandwidth
LBT94303 SIPAT-LBT94303 Datasheet
346Kb / 3P
942.5MHz SAW Filter 35MHz Bandwidth
logo
Golledge Electronics Lt...
MA06221 GOLLEDGE-MA06221 Datasheet
113Kb / 5P
SAW Filter 942.5MHz
MA06345 GOLLEDGE-MA06345 Datasheet
184Kb / 5P
SAW Filter 942.5MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com