Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1965A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1965A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1965A
Download  TA1965A Download
File Size   335.26 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Tx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)

TA1965A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1965A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1965A
Download  TA1965A Click to download

File Size   335.26 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Tx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)

TA1965A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA1965A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1965A GOLLEDGE-TA1965A Datasheet
237Kb / 6P
SAW Filter 2595.0MHz
More results


Similar Description - TA1965A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1743D TAI-SAW-TA1743D Datasheet
486Kb / 8P
SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1813A TAI-SAW-TA1813A Datasheet
578Kb / 9P
SAW Tx Filter 782MHz LTE Band 13 SMD 1109 (10MHz BW)
TA1814A TAI-SAW-TA1814A Datasheet
626Kb / 9P
SAW Tx Filter 897.5MHz LTE Band 8 SMD 1109 (34.2MHz BW)
TA1843D TAI-SAW-TA1843D Datasheet
420Kb / 8P
SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA1871A TAI-SAW-TA1871A Datasheet
655Kb / 10P
SAW Tx Filter 1880MHz LTE Band 2 SMD 1109 (60MHz BW)
TA1962B TAI-SAW-TA1962B Datasheet
444Kb / 9P
SAW Filter 2595MHz 50MHz BW SMD1.4x1.1mm
TA1966A TAI-SAW-TA1966A Datasheet
330Kb / 7P
SAW Tx Filter 2350MHz LTE Band 40 SMD 1109 (100MHz BW)
TA1968A TAI-SAW-TA1968A Datasheet
449Kb / 7P
SAW Rx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com