Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD131T10 Datasheet (PDF) - List of Unclassifed Manufacturers

LD131T10 Datasheet PDF - List of Unclassifed Manufacturers
Part # LD131T10
Download  LD131T10 Download
File Size   251.21 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1310nm Laser Diode

LD131T10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD131T10 Datasheet PDF - List of Unclassifed Manufacturers

Part # LD131T10
Download  LD131T10 Click to download

File Size   251.21 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1310nm Laser Diode

LD131T10 Datasheet (HTML) - List of Unclassifed Manufacturers


LD131T10 Product details

[CVC INTERNATIONAL LLC]

Feature
• Emission Wavelength 1310nm
• Wide Operating Temperature
• High Power
• High Reliable, Long Lifetime
• Lens Output
• Low Threshold, Low Operation Current

Applications
• Optical Communication
• Local Area Communication




Similar Part No. - LD131T10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD13 AVX-LD13 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13 AVX-LD13 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
LD13PC102KAB1A AVX-LD13PC102KAB1A Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB3A AVX-LD13PC102KAB3A Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB9A AVX-LD13PC102KAB9A Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
More results


Similar Description - LD131T10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
1310nm InGaAsP FP LASER DIODES
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
1310nm Laser Diode Transmitter
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com