Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9206 Datasheet (PDF) - Maxim Integrated Products

MAX9206 Datasheet PDF - Maxim Integrated Products
Part # MAX9206
Download  MAX9206 Download
File Size   179.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Bus LVDS Deserializers

MAX9206 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9206 Datasheet PDF - Maxim Integrated Products

Part # MAX9206
Download  MAX9206 Click to download

File Size   179.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit Bus LVDS Deserializers

MAX9206 Datasheet (HTML) - Maxim Integrated Products


MAX9206 Product details

General Description
The MAX9206/MAX9208 deserializers transform a high-speed serial bus low-voltage differential signaling (BLVDS) data stream into 10-bit-wide parallel LVCMOS/LVTTL data and clock. The deserializers pair with serializers such as the MAX9205/MAX9207, which generate a serial BLVDS signal from 10-bit-wide parallel data. The serializer/deserializer combination reduces interconnect, simplifies PCB layout, and reduces board size.

Features
♦ Stand-Alone Deserializer (vs. SERDES) Ideal for Unidirectional Links
♦ Automatic Clock Recovery
♦ Allow Hot Insertion and Synchronization Without System Interruption
♦ BLVDS Serial Input Rated for Point-to-Point and Bus Applications
♦ Fast Pseudorandom Lock
♦ Wide Reference Clock Input Range
   16MHz to 45MHz (MAX9206)
   40MHz to 60MHz (MAX9208)
♦ High 720ps (p-p) Jitter Tolerance (MAX9206)
♦ Low 30mA Supply Current (MAX9206 at 16MHz)
♦ 10-Bit Parallel LVCMOS/LVTTL Output
♦ Up to 600Mbps Throughput (MAX9208)
♦ Programmable Output Strobe Edge
♦ Pin Compatible to DS92LV1212A and DS92LV1224

Applications
   Cellular Phone Base Stations
   Add/Drop Muxes
   Digital Cross-Connects
   DSLAMs
   Network Switches and Routers
   Backplane Interconnect




Similar Part No. - MAX9206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
205Kb / 13P
10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206 Datasheet
324Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9206 MAXIM-MAX9206 Datasheet
151Kb / 5P
Allows Common-Mode Testing
Rev 0; 3/08
MAX9206EAI MAXIM-MAX9206EAI Datasheet
205Kb / 13P
10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206EAI MAXIM-MAX9206EAI Datasheet
324Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 2; 11/10
More results


Similar Description - MAX9206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
10-Bit Bus LVDS Serializers
Rev 2; 10/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com