Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD1113 Datasheet (PDF) - Summit Microelectronics, Inc.

SMD1113 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMD1113
Download  SMD1113 Download
File Size   502.03 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description 10-Bit Data Acquisition System for Autonomous Environmental Monitoring

SMD1113 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD1113 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMD1113
Download  SMD1113 Click to download

File Size   502.03 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description 10-Bit Data Acquisition System for Autonomous Environmental Monitoring

SMD1113 Datasheet (HTML) - Summit Microelectronics, Inc.


SMD1113 Product details

INTRODUCTION

The SMD1102, SMD1103 and SMD1113 each contain a 10-Bit data acquisition system (DAS) with dedicated EEPROM alarm limit storage. The three devices communicate with the host µP via a standard two-wire I2C serial interface. After initialization the SMD1102/1103/1113 can automatically monitor one or more analog input channels. If any input signal moves beyond its user-programmed limits the host is notified by the SMBALERT#output, enabling fault prediction in telecom line card applications, as an example.



FEATURES

● Complete Data Acquisition System

   ♦ 10-Bit A/D Converter Resolution

   ♦ 75µs Acquisition plus Conversion Time

   ♦ Alarm Limits for Each Input Channel

   ♦ Auto-Increment of Input Channels

   ♦ Two Wire I2C Serial Data Interface

   ♦ System Management Bus (SMBus) Compatible

   ♦ Auto-Monitor with SMBALERT Output

   ♦ Low Quiescent Current of 50µA

   ♦ Wide Supply Voltage Range: 2.7V to 5.5V

● SMD1102

   ♦ 2-Channel Analog Input

   ♦ External Voltage Reference Input Provided for Absolute Measurements

● SMD1103

   ♦ 3-Channel Analog Input

   ♦ Reference Voltage Input for the A/D Converter is Connected to VDD for Ratiometric Measurements

● SMD1113

   ♦ Extended I2C Operation

   ♦ 3-Channel Analog Input

   ♦ External Voltage Reference Input Provided for Absolute Measurements



 




Similar Part No. - SMD1113

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMD11.0592M LUGUANG-SMD11.0592M Datasheet
251Kb / 5P
CRYSTAL UNITS
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
SMD1108F SUMMIT-SMD1108F Datasheet
717Kb / 29P
8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ACPA Technology Co., Lt...
SMD110A ACPA-SMD110A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
logo
Chenmko Enterprise Co. ...
SMD110APT CHENMKO-SMD110APT Datasheet
258Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SMD1113

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-10 WOLFSON-WM8144-10 Datasheet
395Kb / 27P
Integrated 10-bit Data Acquisition system for Imaging Applications
logo
Linear Technology
LTC1090 LINER-LTC1090 Datasheet
344Kb / 28P
Single Chip 10-Bit Data Acquisition System
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
Single Chip 10-Bit Data Acquisition System
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com