Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3115 Datasheet (PDF) - Toshiba Semiconductor

TLP3115 Datasheet PDF - Toshiba Semiconductor
Part # TLP3115
Download  TLP3115 Download
File Size   155.16 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS

TLP3115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3115 Datasheet PDF - Toshiba Semiconductor

Part # TLP3115
Download  TLP3115 Click to download

File Size   155.16 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS

TLP3115 Datasheet (HTML) - Toshiba Semiconductor


TLP3115 Product details

MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS

The TOSHIBA TLP3115 Mini-flat photorelay is a small-outline photorelay, suitable for surface-mount assembly. The TLP3115 consists of an infraredemitting diode optically coupled to a photo-MOS FET and housed in a 4- pin package.
The TLP3115 features low CR product and especially low On-state resistance, allowing high ON-state current.
Its characteristics also include low OFF-state current and low output pin capacitance, enabling it to be used in high-frequency measuring instruments.

Features
• 4 pin SOP (2.54SOP4) : 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak Off-State Voltage : 40 V (min)
• Trigger LED Current : 4 mA (max)
• On-State Current : 300 mA (max)
• On-State Resistance : 1.5 Ω (max), 1.0 Ω (typ.)
• Output Capacitance : 14 pF (max), 10 pF (typ.)
• Isolation Voltage : 1500 Vrms (min)
• UL-recognized : UL 1577, File No.E67349
• cUL-recognized : CSA Component Acceptance Service No.5A
                               File No.E67349
• VDE-approved : EN 60747-5-5 (Note 1)




Similar Part No. - TLP3115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Similar Description - TLP3115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3116 TOSHIBA-TLP3116 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com