Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB827 Datasheet (PDF) - TT Electronics.

OPB827 Datasheet PDF - TT Electronics.
Part # OPB827
Download  OPB827 Download
File Size   608.54 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB827 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB827 Datasheet PDF - TT Electronics.

Part # OPB827
Download  OPB827 Click to download

File Size   608.54 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB827 Datasheet (HTML) - TT Electronics.


OPB827 Product details

Description:
Each OPB827, OPB828 and OPB829 device consists of an infrared emitting diode (LED, 890 nm center wavelength) and a NPN silicon phototransistor, mounted on opposite sides of a 0.125” (3.18 mm) wide slot in a low-cost black plastic housing. A variety of aperture sizes are offered (see chart below). The OPB827 and OPB828 are designed fro PCBoard mounting with a minimum lead length of 0.35” (8.9 mm) while the OPB829Z (wire version) has 24-inch 26 AWG wire leads. Phototransistor switching occurs when an opaque object passes through the slot.
The OPB827 is offered with 0.305” (7.75 mm) and the OPB828 is offered with 0.220” (5.59 mm) lead spacing for PCBoard mounting. The OPB829Z has 24” (61 cm) 26 AWG wire leads for remote mounting.

Features:
● 0.125” (3.18 mm) wide, 0.315” (8.00 mm) deep slot
● 0.305” (7.75 mm) lead spacing (OPB827)
● 0.220” (5.59 mm) lead spacing (OPB828)
● 24-inch 26 AWG wire leads (OPB829)
● Inexpensive plastic housing

Applications:
● Non-contact object sensing
● Assembly line automation
● Machine automation
● Equipment safety
● Machine safety




Similar Part No. - OPB827

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB827A OPTEK-OPB827A Datasheet
698Kb / 5P
SLOTTED OPTICAL SWITCHES
OPB827B OPTEK-OPB827B Datasheet
256Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB827B OPTEK-OPB827B Datasheet
698Kb / 5P
SLOTTED OPTICAL SWITCHES
OPB827C OPTEK-OPB827C Datasheet
256Kb / 2P
SLOTTED OPTICAL SWITCHES
More results


Similar Description - OPB827

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com