Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPI211 Datasheet (PDF) - TT Electronics.

OPI211 Datasheet PDF - TT Electronics.
Part # OPI211
Download  OPI211 Download
File Size   676.38 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Surface Mount Optically Coupled Isolator

OPI211 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPI211 Datasheet PDF - TT Electronics.

Part # OPI211
Download  OPI211 Click to download

File Size   676.38 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Surface Mount Optically Coupled Isolator

OPI211 Datasheet (HTML) - TT Electronics.


OPI211 Product details

Description:
Each Optically coupled isolator in this data sheet contains an infrared Light Emitting Diode (LED) and a NPN silicon Photosensor. The OPI210 and OPI211 devices have 890 nm Light Emitting Diode (LED) and NPN phototransistor and coupled on an FR-4 substrate. The devices are made with a sealed internal optically transmissive path between the LED and the photosensor.
The OPI210 and OPI211 are identical except for the DC current transfer ratio. Both were designed with high reliability in mind and are ideally suited for use in MIL-STD-883 applications. The devices may be mounted using either silver or gold filled epoxies. The top of the device is covered with a silicone material and is very sensitive to acetone type cleaning material.
This series is designed for transmission of information between one power supply voltage to another where the potentials during surge conditions are not greater than the guaranteed isolation voltage.

Features:
• 1kV electrical isolation
• Miniature package ideal for surface mount applications
• TTL, DTL compatible
• High DC Current Transfer ratio

Applications:
• Military equipment
• High-Reliability environments
• High voltage isolation between input and output
• Electrical isolation in dirty environments
• Medical equipment
• Office equipment




Similar Part No. - OPI211

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI2100 OPTEK-OPI2100 Datasheet
77Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI2151 OPTEK-OPI2151 Datasheet
98Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI2152 OPTEK-OPI2152 Datasheet
98Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI2153 OPTEK-OPI2153 Datasheet
96Kb / 2P
OPTICALLY COUPLED ISOLATORS
More results


Similar Description - OPI211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
OPTEK Technologies
HCC640 OPTEK-HCC640 Datasheet
142Kb / 2P
Surface Mount Optically Coupled Isolator
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
OPTEK Technologies
HCC242TX OPTEK-HCC242TX Datasheet
230Kb / 2P
Surface Mount Optically Coupled Isolator
logo
TT Electronics.
4N22U TTELEC-4N22U Datasheet
318Kb / 5P
Surface Mount Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
Surface Mount Optically Coupled Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com