Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1DF0T22 Datasheet (PDF) - Vishay Siliconix

1DF0T22 Datasheet PDF - Vishay Siliconix
Part # 1DF0T22
Download  1DF0T22 Download
File Size   123.78 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Dissipation Factor Disc Capacitors

1DF0T22 Datasheet (PDF)

Go To PDF Page Download Datasheet
1DF0T22 Datasheet PDF - Vishay Siliconix

Part # 1DF0T22
Download  1DF0T22 Click to download

File Size   123.78 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Dissipation Factor Disc Capacitors

1DF0T22 Datasheet (HTML) - Vishay Siliconix


1DF0T22 Product details

The 1DFO, 2DFO, and 3DFO Series are designed to operate up to 500, 1000, and 1500 VRMS, respectively. Their low dissipation factor (DF) and stable temperature characteristics are well suited for operation at elevated frequency. Operating limits are governed by a suggested 30°C maximum case temperature rise as controlled by applied voltage and frequency dependent current. Power-rating charts covering the entire series provide operating guidelines for higher frequency applications.



FEATURES

• Ideal for High Voltage Switching to 100 kHz

• Low DF Minimizes Self Heating at High Frequencies.

• Application Voltages: 500, 1000 and 1500 Vac.

• Economical Alternative to Film Capacitors.



APPLICATIONS:

• Fluorescent Ballasts

• Industrial Electronic Systems

• Switching Power Supplies

• Snubber Networks



 





Similar Description - 1DF0T22

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
Low dissipation factor
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
Low dissipation factor (DF), excellent for high frequency
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
Low dissipation factor.
716P CDE-716P Datasheet
381Kb / 15P
Extremely low dissipation factor
logo
Vishay Siliconix
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com