Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA8622AP Datasheet (PDF) - List of Unclassifed Manufacturers

AA8622AP Datasheet PDF - List of Unclassifed Manufacturers
Part # AA8622AP
Download  AA8622AP Download
File Size   218.58 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual Video Amplifier

AA8622AP Datasheet (PDF)

Go To PDF Page Download Datasheet
AA8622AP Datasheet PDF - List of Unclassifed Manufacturers

Part # AA8622AP
Download  AA8622AP Click to download

File Size   218.58 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual Video Amplifier

AA8622AP Datasheet (HTML) - List of Unclassifed Manufacturers


AA8622AP Product details

DESCRIPTION
AA8622AP is a dual video amplifier with 6db gain, 75Ω output buffer and SAG correction. The 75Ω buffer is capable of driving two circuits. The SAG could reduce the output coupling capacitor. The power saving circuit provides the power saving function. The IC is available in 8-pin TSSOP package .
   
FEATURES
1. Composite video driver with 6dB gain
2. Dual channels video amplifier
3. Output short circuit protection function
4. SAG correction function
5. A load sufficient for driving two circuits
6. Low operating current, 25mA typical
7. Internal voltage clamp circuit
8. 8-pin TSSOP package
   
APPLICATION
➤ VCR
➤ Video Camera
➤ TV
➤ Video Player
   




Similar Part No. - AA8622AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
Dual Video Amplifier
More results


Similar Description - AA8622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
Dual CMOS Video Amplifier
Rev 0; 2/89
logo
Agamem Microelectronic ...
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
Dual Video Amplifier
AA8632 AGAMEM-AA8632 Datasheet
185Kb / 8P
Dual Video Amplifier
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
Dual Video Amplifier with LPF
logo
Unisonic Technologies
V2267 UTC-V2267 Datasheet
231Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
logo
Agamem Microelectronic ...
AA8622 AGAMEM-AA8622 Datasheet
47Kb / 1P
Dual Video Amplifier
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
Dual 125MHz Video CurrentFeedback Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com