Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX9915NTR Datasheet (PDF) - IXYS Corporation

IX9915NTR Datasheet PDF - IXYS Corporation
Part # IX9915NTR
Download  IX9915NTR Download
File Size   219.43 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Low Voltage Error Amplifier with a 350V Darlington Transistor

IX9915NTR Datasheet (PDF)

Go To PDF Page Download Datasheet
IX9915NTR Datasheet PDF - IXYS Corporation

Part # IX9915NTR
Download  IX9915NTR Click to download

File Size   219.43 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Low Voltage Error Amplifier with a 350V Darlington Transistor

IX9915NTR Datasheet (HTML) - IXYS Corporation


IX9915NTR Product details

Description
The IX9915 integrates an error amplifier with a precision reference and a 350V Darlington transistor in a single package. The error amplifier can be operated from 1.3V to 12.5V over the operational temperature range. The breakdown voltage of the Darlington transistor is 350V.
The integrated combination of a 4-terminal 431 type shunt regulator with a high voltage Darlington transistor is ideal for use in LED lamp bleeder control circuits.

Features
• Precision reference, error amplifier, and a high
   voltage Darlington transistor in a single package
• 1.299V±1% reference @25ºC
   (±1.5% @-40ºC to 85ºC)
• Error amplifier supply voltage range: 1.3V to 12.5V
   over temperature
• Breakdown voltage of Darlington transistor: 350V

Applications
• LED lamps
• Low voltage power supply feedback
• AC-to-DC off-line power supplies
• DC-to-DC converters




Similar Part No. - IX9915NTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
IX9907NTR IXYS-IX9907NTR Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
IX9908 IXYS-IX9908 Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908N IXYS-IX9908N Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908NTR IXYS-IX9908NTR Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
More results


Similar Description - IX9915NTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
Precision Reference with Low Offset Error Amplifier
logo
Fairchild Semiconductor
KST13 FAIRCHILD-KST13 Datasheet
52Kb / 4P
Darlington Amplifier Transistor
logo
Unisonic Technologies
TIP110A UTC-TIP110A Datasheet
57Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122_07 Datasheet
232Kb / 9P
Low voltage power Darlington transistor
03-Oct-2007
logo
Unisonic Technologies
TIP110A UTC-TIP110A_09 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
STMicroelectronics
2STBN15D100 STMICROELECTRONICS-2STBN15D100 Datasheet
109Kb / 7P
Low voltage NPN power Darlington transistor
19-Jan-2010
logo
Texas Instruments
UC3965DP TI-UC3965DP Datasheet
75Kb / 6P
Precision Reference with Low Offset Error Amplifier
logo
Fairchild Semiconductor
KST13MTF FAIRCHILD-KST13MTF Datasheet
58Kb / 4P
Darlington Amplifier Transistor
logo
Unisonic Technologies
TIP110A UTC-TIP110A_15 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517_17 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com