Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA09382 Datasheet (PDF) - Golledge Electronics Ltd

MA09382 Datasheet PDF - Golledge Electronics Ltd
Part # MA09382
Download  MA09382 Download
File Size   141.67 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 315.0MHz SAW Filter

MA09382 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA09382 Datasheet PDF - Golledge Electronics Ltd

Part # MA09382
Download  MA09382 Click to download

File Size   141.67 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 315.0MHz SAW Filter

MA09382 Datasheet (HTML) - Golledge Electronics Ltd


MA09382 Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 5 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MA09382

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09311 GOLLEDGE-MA09311 Datasheet
115Kb / 6P
SAW Filter 1370.0MHz
MA09336 GOLLEDGE-MA09336 Datasheet
313Kb / 5P
SAW Resonator 907.20MHz
MA09337 GOLLEDGE-MA09337 Datasheet
220Kb / 5P
464.0MHz SAW Filter
MA09356 GOLLEDGE-MA09356 Datasheet
206Kb / 4P
800.0MHz SAW Resonator
MA09357 GOLLEDGE-MA09357 Datasheet
167Kb / 5P
500.0MHz SAW Resonator
More results


Similar Description - MA09382

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F3152 ITF-F3152 Datasheet
286Kb / 6P
SAW Bandpass Filter 315.0MHz
2005-11-08
logo
Abracon Corporation
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
logo
Golledge Electronics Lt...
MA09065 GOLLEDGE-MA09065 Datasheet
196Kb / 5P
SAW Filter: 315.0MHz
MP03963 GOLLEDGE-MP03963 Datasheet
83Kb / 5P
SAW Filter 315.0MHz
MP07597 GOLLEDGE-MP07597 Datasheet
260Kb / 5P
SAW Filter 315.0MHz
MP07512 GOLLEDGE-MP07512 Datasheet
227Kb / 6P
SAW Filter 315.0MHz
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
MA07075 GOLLEDGE-MA07075 Datasheet
79Kb / 4P
SAW Resonator 315.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
SAW Resonator 315.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com