Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1284 Datasheet (PDF) - Intel Corporation

CD1284 Datasheet PDF - Intel Corporation
Part # CD1284
Download  CD1284 Download
File Size   2255.67 Kbytes
Page   176 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports

CD1284 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD1284 Datasheet PDF - Intel Corporation

Part # CD1284
Download  CD1284 Click to download

File Size   2255.67 Kbytes
Page   176 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports

CD1284 Datasheet (HTML) - Intel Corporation


CD1284 Product details

Overview
Ideal for printers, scanners, tape drives, set-top boxes, and data acquisition applications, the CD1284 is a multi-function interface controller that implements a high-speed, multi-protocol parallel port and two asynchronous serial ports. The device has both programmed I/O and DMA operation (parallel port only), providing flexibility in local CPU interface design and high-speed data transfers between the device and main memory.

Product Features
Parallel Port (Peripheral-side)
High-speed, bidirectional, multi-protocol parallel port:
■ Hardware implementation of all modes of the IEEE STD (Standard) 1284 specification (including automatic negotiation)
    —Centronics® -compatible mode
    —Reverse Byte mode
    —Reverse Nibble mode
    —ECP (extended capabilities port) mode with run-length encoding/decoding
    —EPP (enhanced parallel port) mode
    —Up to 2-Mbytes/sec. transfer rate in ECP and EPP modes
■ 64-byte parallel FIFO with DMA interface

Two Serial UARTs
■ Serial channel asynchronous protocol support to 115.2 kbps (register-setcompatible and functionally identical to CD1400)
    —Twelve-byte FIFOs for each transmitter and receiver with programmable threshold for receive FIFO interrupt generation
    —Improved interrupt schemes: Good Data™ interrupts eliminate the need for character status check
    —User-programmable and automatic flow control for serial channels
    —Special character recognition and generation.
    —Special character processing, particularly useful for UNIX® environments, optionally handled automatically by the serial channels.
    —Six modem control signals per channel (DTR, DSR, RTS, CTS, CD, and RI)




Similar Part No. - CD1284

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
More results


Similar Description - CD1284

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
IEEE 1284 Transceiver
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
IEEE 1284 Transceiver
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
IEEE 1284 Interface Design Solutions
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
USB to Parallel IEEE 1284 Printer Adapter
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com