Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP01633 Datasheet (PDF) - Golledge Electronics Ltd

MP01633 Datasheet PDF - Golledge Electronics Ltd
Part # MP01633
Download  MP01633 Download
File Size   303.56 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 874.55MHz

MP01633 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP01633 Datasheet PDF - Golledge Electronics Ltd

Part # MP01633
Download  MP01633 Click to download

File Size   303.56 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 874.55MHz

MP01633 Datasheet (HTML) - Golledge Electronics Ltd


MP01633 Product details

SAW Filter 874.55MHz

MAXIMUM RATING:
1. Input Power Level: 13dBm
2. DC voltage: 5 V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -30°C to +85°C




Similar Part No. - MP01633

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01601 GOLLEDGE-MP01601 Datasheet
242Kb / 6P
SAW Filter 1227MHz
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
SAW Filter 300MHz
logo
Multicomp Pro
MP016115 MULTICOMP-MP016115 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016116 MULTICOMP-MP016116 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016117 MULTICOMP-MP016117 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
More results


Similar Description - MP01633

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT87502 SIPAT-LBT87502 Datasheet
202Kb / 3P
874.55MHz SAW Filter 9MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT87502 SIPAT-LBT87502 Datasheet
197Kb / 3P
874.55MHz SAW Filter 9MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com