Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETS08S Datasheet (PDF) - International Rectifier

20ETS08S Datasheet PDF - International Rectifier
Part # 20ETS08S
Download  20ETS08S Download
File Size   179.24 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INPUT RECTIFIER DIODE

20ETS08S Datasheet (PDF)

Go To PDF Page Download Datasheet
20ETS08S Datasheet PDF - International Rectifier

Part # 20ETS08S
Download  20ETS08S Click to download

File Size   179.24 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INPUT RECTIFIER DIODE

20ETS08S Datasheet (HTML) - International Rectifier


20ETS08S Product details

VF< 1V @ 10A

IFSM = 300A

VRRM 800 to 1200V



Description/Features

The 20ETS.. rectifier SAFEIR series has been optimized for very low forward voltage drop, with moderate leakage. The glass passivation technology used has reliable operation up to 150°C junction temperature.

Typical applications are in input rectification and these products are designed to be used with International Rectifier Switches and Output Rectifiers which are available in identical package outlines.




Similar Part No. - 20ETS08S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20ETS08S ISC-20ETS08S Datasheet
279Kb / 2P
Input Rectifier Diode
logo
Vishay Siliconix
20ETS08SPBF VISHAY-20ETS08SPBF Datasheet
170Kb / 7P
Input Rectifier Diode, 20 A
28-Jul-10
logo
International Rectifier
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Vishay Siliconix
20ETS08STRLPBF VISHAY-20ETS08STRLPBF Datasheet
170Kb / 7P
Input Rectifier Diode, 20 A
28-Jul-10
20ETS08STRRPBF VISHAY-20ETS08STRRPBF Datasheet
170Kb / 7P
Input Rectifier Diode, 20 A
28-Jul-10
More results


Similar Description - 20ETS08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com