Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02229 Datasheet (PDF) - Golledge Electronics Ltd

MP02229 Datasheet PDF - Golledge Electronics Ltd
Part # MP02229
Download  MP02229 Download
File Size   92.14 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 403.50MHz

MP02229 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP02229 Datasheet PDF - Golledge Electronics Ltd

Part # MP02229
Download  MP02229 Click to download

File Size   92.14 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 403.50MHz

MP02229 Datasheet (HTML) - Golledge Electronics Ltd


MP02229 Product details

MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC voltage: 3 V
3. Operating Temperature: -10°C to 60°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MP02229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP022 ETC-MP022 Datasheet
22Kb / 2P
Low Cost Iron Safety Timer
logo
Golledge Electronics Lt...
MP02233 GOLLEDGE-MP02233 Datasheet
67Kb / 4P
SAW Filter 228.1MHz
MP02237 GOLLEDGE-MP02237 Datasheet
193Kb / 7P
SAW Filter 61.380MHz
MP02248 GOLLEDGE-MP02248 Datasheet
71Kb / 6P
SAW Filter 866MHz
MP02260 GOLLEDGE-MP02260 Datasheet
112Kb / 5P
SAW Filter 340.0MHz
More results


Similar Description - MP02229

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07543 GOLLEDGE-MA07543 Datasheet
169Kb / 8P
SAW Filter 403.50MHz
MA09369 GOLLEDGE-MA09369 Datasheet
133Kb / 5P
403.50MHz SAW Filter
MP03988 GOLLEDGE-MP03988 Datasheet
90Kb / 5P
SAW Filter 403.50MHz
MP07644 GOLLEDGE-MP07644 Datasheet
237Kb / 5P
SAW Filter 403.50MHz
MP07250 GOLLEDGE-MP07250 Datasheet
252Kb / 6P
SAW Filter 403.50MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com