Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8225 Datasheet (PDF) - Analog Devices

AD8225 Datasheet PDF - Analog Devices
Part # AD8225
Download  AD8225 Download
File Size   372.3 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Gain of 5 Instrumentation Amplifier

AD8225 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8225 Datasheet PDF - Analog Devices

Part # AD8225
Download  AD8225 Click to download

File Size   372.3 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Gain of 5 Instrumentation Amplifier

AD8225 Datasheet (HTML) - Analog Devices


AD8225 Product details

GENERAL DESCRIPTION
The AD8225 is an instrumentation amplifier with a fixed gain of 5, which sets new standards of performance. The superior CMRR of the AD8225 enables rejection of high frequency common-mode voltage (80 dB Min @ 10 kHz). As a result, higher ambient levels of noise from utility lines, industrial equipment, and other radiating sources are rejected. Extended CMV range enables the AD8225 to extract low level differential signals in the presence of high common-mode dc voltage levels even at low supply voltages.

FEATURES
   No External Components Required
   Highly Stable, Factory Trimmed Gain of 5
   Low Power, 1.2 mA Max Supply Current
   Wide Power Supply Range (±1.7 V to ±18 V)
   Single- and Dual-Supply Operation
   Excellent Dynamic Performance
      High CMRR
         86 dB Min @ DC
         80 dB Min to 10 kHz
      Wide Bandwidth
         900 kHz
         4 V to 36 V Single Supply
      High Slew Rate
         5 V/μs Min
   Outstanding DC Precision
      Low Gain Drift
         5 ppm/°C Max
      Low Input Offset Voltage
         150 μV Max
      Low Offset Drift
         2 μV/°C Max
      Low Input Bias Current
         1.2 nA Max

APPLICATIONS
   Patient Monitors
   Current Transmitters
   Multiplexed Systems
   4 to 20 mA Converters
   Bridge Transducers
   Sensor Signal Conditioning




Similar Part No. - AD8225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
Precision Gain of 5 Instrumentation Amplifier
REV. A
More results


Similar Description - AD8225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
Precision Gain of 5 Instrumentation Amplifier
REV. A
logo
Linear Technology
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com